Part Number Hot Search : 
92610 6TPE100 4AVC16 14051 AV772 ADF702 AO4918AL 74F545SC
Product Description
Full Text Search
 

To Download OSY5PA5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Premium Yellow LED OSY5PA5111A
Features
Outline
Dimension
High Luminous LEDs
5mm Round Standard Directivity

Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Applications
Traffic signal, Portable light source Signage and channel letter Decorating and entertainment lighting Architectural lighting Outdoor/Indoor applications/Other Lighting

Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
Directivity
Value
50 120 5 120 -40~ +85 -40 ~ +100 260 /5sec
Unit
mA mA V mW
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
*Pulse width Max.10ms , Duty ratio max 1/10 Electrical
-Optical Characteristics
Symbol
VF IR D Iv 21/2
Maximum Forward Current
Min.
1.8 585 -
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
2.1 590 18000 15
Max.
2.4 10 595 V A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSY5PA5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X